Part Number Hot Search : 
15N12 15KE110A 82S147AN R3AS10M SM1400AP TC7S08F 15KE110A 10030
Product Description
Full Text Search
 

To Download MTS2500-110250-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTELLIGENT INTERACTIVE SYNTHESIZER SURFACE MOUNT MODEL: MTS2500-110250-10
WIDE BANDWIDTH
FEATURES: Over an octave bandwidth tuning Small step size resolution Outstanding spectral purity High spurious rejection Fast lock settling time Easy programmable format Patent Pending Rel-Pro Technology RoHS Compliant
Phase Noise
-60 -70 -80
Phase Noise (dBc/Hz)
1100 - 2500 MHz
-90 -100 -110 -120 -130 -140 -150 -160 -170 100 1000 10000 1100 MHz 100000 Offset Frequency (Hz) 1800 MHz 2500 MHz 1000000 10000000 100000000
SPECIFICATIONS (Rev. A 06/17/08)
Output Frequency Bandwidth External Reference * External Reference Input Step Size Bias Voltage VCC1 (VCO) VCC2 (Analog) VCC3 (Digital) VCC4 (Converter) VCC5 (Converter Output) VCC6 (PLL) VCC7 (PLL) VCC8 (Vtune) ** Output Power Spurious Suppression Harmonic Suppression +5 VDC @ 70 mA (Max.) +3.3 VDC @ 140 mA (Max.) +3.3 VDC @ 50 mA (Max.) +5 VDC @ 45 mA (Max.) +25 VDC +5 VDC @ 2 mA (Max.) +3.3 VDC @ 20 mA (Max.) +25 VDC @ 5 mA (Max.) +9 dBm (Min.) 60 dB (Typ.) 15 dB (Typ.) Output Impedance Operating Temperature Range Non-Operating Temperature Range Programming Programming Bus**** 1100 - 2500 MHz 1400 MHz 10 MHz 1 V p-p to 3.3 V p-p Programmable to 1 Hz Settling Time*** Typical Phase Noise Offset 1 kHz 10 kHz 100 kHz Within 1 kHz Within 10 Hz dBc/Hz. -93 -95 -110 <22 mSec <36 mSec
50 Ohms (Nom.) -20 to +70 C -40 to +85 C See Application Note: AN7400 Specify SPI or RS-232
Absolute Maximum Ratings
Storage Temp. Range Bias Voltage (+3.3 V) Bias Voltage (+5 V) DC Voltage Applied to RF Out -55 to +125 C +3.6 V +5.5 V 25 V
* Reference input frequency can be factory programmed for requested common reference frequencies from 10 - 25 MHz. Unless otherwise specified, the reference frequency is factory programmed for 10 MHz. ** If supply voltage from converter output is not used. *** Time between latch enable (LE) high (after user command) and final output frequency. **** Default bus (if unspecified) is SPI.
This product is manufactured under one or more of the following patents: Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575; 7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642,7,292,113 Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 & 60/710310; 10/937525/60/736901; 60/732787
Copyright (c) 2008 Synergy Microwave Corporation 201 McLean Boulevard * Paterson, New Jersey 07504 * Tel: (973) 881-8800 * Fax: (973) 881-8361 E-Mail: sales@synergymwave.com * World Wide Web: http://www.synergymwave.com
INTELLIGENT INTERACTIVE SYNTHESIZER SURFACE MOUNT MODEL: MTS2500-110250-10
WIDE BANDWIDTH
Package # 344
1100 - 2500 MHz
Port Configuration
Pin 3 - VCC 1 (VCO = +5 Vdc) Pin 6 - RF Out Pin 8 - VCC 2 (Analog = 3.3 Vdc) Pin 9 - NC* Pin 10 - NC* Pin 11 - VCC 3 (Digital = 3.3 Vdc) Pin 13 - Clock (SPI) Pin 14 - Lock Detect (LD) Pin 15 - MISO (SPI) Pin 16 - Latch Enable (LE) Pin 18 - Reset Pin 19 - MOSI (SPI) Pin 20 - RXD (RS-232)*** Pin 21 - TXD (RS-232)*** Pin 22 - Ref In Pin 27 - VCC 4 (Converter = +5 Vdc) Pin 28 - VCC 5 (Converter output = +25 Vdc)** Pin 35 - GND* Pin 39 - VCC 6 (PLL = +5 Vdc) Pin 40 - VCC 7 (PLL = +3.3 Vdc) Pin 44 - VCC 8 (Vtune = +25 Vdc)** Pin 43, 45 - NC (No Connection) All Others - Ground (1,2,4,5,7,12,17,23,24,25, 26,29,30,31,32,33,34,36,37,38,41,42,46,47,48)
* Future expansion for modulation options (digital and analog). ** Connect together externally and bypass with shunt 10 uF, 35 V tantallum capacitor to ground. (For applications where an external well filtered 25 volts supply is available, leave pin 27 unconnected and apply the 25 volts directly to pin 44.) *** Positive CMOS level (Unbuffered).
This product is manufactured under one or more of the following patents: Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575; 7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642,7,292,113 Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 & 60/710310; 10/937525/60/736901; 60/732787
Copyright (c) 2008 Synergy Microwave Corporation 201 McLean Boulevard * Paterson, New Jersey 07504 * Tel: (973) 881-8800 * Fax: (973) 881-8361 E-Mail: sales@synergymwave.com * World Wide Web: http://www.synergymwave.com
INTELLIGENT INTERACTIVE SYNTHESIZER SURFACE MOUNT MODEL: MTS2500-110250-10
WIDE BANDWIDTH
HARMONIC SUPPRESSION
* RBW 300 kHz * VBW 20 kHz
1100 - 2500 MHz
Delta 4 [T1 ] -24.86 dB 4.399038462 GHz Marker 1 [T1 ] 11.89 1.093269231 Delta 2 [T1 ] -20.96 1.094871795 Delta 3 [T1 ] -21.43 3.304166667 Delta 1 [T1 ] -14.49 2.209294872 dBm GHz dB GHz dB GHz dB GHz
Ref
20
20 dBm
Att
45 dB
SWT 2.05 s
1
10 1 AP CLRWR 0 -10 -20 -30 -40 -50 -60 -70 -80
A SGL
PERFORMANCE PLOTS
1 2 3 4
3DB
Start 800 MHz
1.22 GHz/
Stop 13 GHz
REFERENCE SIDEBAND SUPPRESSION
MSFH-400-25R #73 Date: 29.MAY.2008 Ref 20 dBm
20 10 1 AP CLRWR 0 -10 -20 -30 -40 -50 -60 -70 -80 3DB * RBW 3 kHz * VBW 100 Hz
22:12:17
Att
45 dB 1
SWT 5.6 s
Delta 4 [T1 ] -75.51 dB 190.705128205 kHz Marker 1 [T1 ] 12.12 1.100000000 Delta 2 [T1 ] -70.70 214.743589744 Delta 3 [T1 ] -71.06 -214.743589744 Delta 1 [T1 ] -58.61 -35.256410256 dBm GHz dB kHz dB kHz dB kHz
A SGL
1
3
4
2
Center 1.1 GHz
100 kHz/
Span 1 MHz
This product is manufactured under one or more of the following patents: Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575; 7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642,7,292,113 Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; MSFH-400-25R #73 11/259766; 60/622485 & 60/710310; 10/937525/60/736901; 60/732787
Date: 29.MAY.2008 22:11:43 Copyright (c) 2008 Synergy Microwave Corporation 201 McLean Boulevard * Paterson, New Jersey 07504 * Tel: (973) 881-8800 * Fax: (973) 881-8361 E-Mail: sales@synergymwave.com * World Wide Web: http://www.synergymwave.com
INTELLIGENT INTERACTIVE SYNTHESIZER SURFACE MOUNT MODEL: MTS2500-110250-10
WIDE BANDWIDTH
REFERENCE SIDEBAND SUPPRESSION
* RBW 30 kHz * VBW 1 kHz
1100 - 2500 MHz
Delta 4 [T1 ] 0.00 dB 0.000000000 Hz Marker 1 [T1 ] 12.06 1.100000000 Delta 2 [T1 ] 0.00 0.000000000 Delta 3 [T1 ] 0.00 0.000000000 Delta 1 [T1 ] 0.00 0.000000000 dBm GHz dB Hz dB Hz dB Hz
Ref
20 10 1 AP CLRWR 0 -10 -20 -30 -40 -50 -60 -70 -80
20 dBm
Att
45 dB 4 3 2 1
SWT 1.7 s
A SGL
PERFORMANCE PLOTS
3DB
Center 1.1 GHz
5 MHz/
Span 50 MHz
MSFH-400-25R #73 Date: 29.MAY.2008 22:11:34
This product is manufactured under one or more of the following patents: Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575; 7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642,7,292,113 Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 & 60/710310; 10/937525/60/736901; 60/732787
Copyright (c) 2008 Synergy Microwave Corporation 201 McLean Boulevard * Paterson, New Jersey 07504 * Tel: (973) 881-8800 * Fax: (973) 881-8361 E-Mail: sales@synergymwave.com * World Wide Web: http://www.synergymwave.com
INTELLIGENT INTERACTIVE SYNTHESIZER SURFACE MOUNT MODEL: MTS2500-110250-10
WIDE BANDWIDTH
HARMONIC SUPPRESSION
* RBW 300 kHz * VBW 20 kHz
1100 - 2500 MHz
Delta 4 [T1 ] -43.77 dB 7.214423077 GHz Marker 1 [T1 ] 11.58 1.797115385 Delta 2 [T1 ] -23.40 3.597435897 Delta 3 [T1 ] -28.99 5.396153846 Delta 1 [T1 ] -21.30 1.798717949 4
3DB
Ref
20 10 1 AP CLRWR 0 -10 -20 -30 -40 -50 -60 -70 -80
20 dBm 1
Att
45 dB
SWT 2.05 s
dBm GHz dB GHz dB GHz dB GHz
A SGL
PERFORMANCE PLOTS
1
2 3
Start 800 MHz
1.22 GHz/
Stop 13 GHz
REFERENCE SIDEBAND SUPPRESSION
MSFH-400-25R #73 Date: Ref 20 dBm 29.MAY.2008
20 10 1 AP CLRWR 0 -10 -20 -30 -40 -50 -60 -70 -80 3DB * RBW 3 kHz * VBW 100 Hz
22:12:21
Att
45 dB 1
SWT 5.6 s
Delta 4 [T1 ] -74.94 dB 214.743589744 kHz Marker 1 [T1 ] 11.82 1.800000000 Delta 2 [T1 ] -74.94 214.743589744 Delta 3 [T1 ] -74.94 214.743589744 Delta 1 [T1 ] -74.48 -214.743589744 dBm GHz dB kHz dB kHz dB kHz
A SGL
1
4 3 2
Center 1.8 GHz
100 kHz/
Span 1 MHz
This product is manufactured under one or more of the following patents: Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575; 7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642,7,292,113 Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 & 60/710310; 10/937525/60/736901; 60/732787 MSFH-400-25R #73
Date: 29.MAY.2008 22:11:57 Copyright (c) 2008 Synergy Microwave Corporation 201 McLean Boulevard * Paterson, New Jersey 07504 * Tel: (973) 881-8800 * Fax: (973) 881-8361 E-Mail: sales@synergymwave.com * World Wide Web: http://www.synergymwave.com
INTELLIGENT INTERACTIVE SYNTHESIZER SURFACE MOUNT MODEL: MTS2500-110250-10
WIDE BANDWIDTH
REFERENCE SIDEBAND SUPPRESSION
* RBW 30 kHz * VBW 1 kHz
1100 - 2500 MHz
Delta 4 [T1 ] 0.00 dB 0.000000000 Hz Marker 1 [T1 ] 11.78 1.800000000 Delta 2 [T1 ] 0.00 0.000000000 Delta 3 [T1 ] 0.00 0.000000000 Delta 1 [T1 ] 0.00 0.000000000 dBm GHz dB Hz dB Hz dB Hz
Ref
20 10 1 AP CLRWR 0 -10 -20 -30 -40 -50 -60 -70 -80
20 dBm
Att
45 dB 4 3 2 1
SWT 1.7 s
A SGL
PERFORMANCE PLOTS
3DB
Center 1.8 GHz
5 MHz/
Span 50 MHz
MSFH-400-25R #73 Date: 29.MAY.2008 22:11:48
This product is manufactured under one or more of the following patents: Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575; 7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642,7,292,113 Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 & 60/710310; 10/937525/60/736901; 60/732787
Copyright (c) 2008 Synergy Microwave Corporation 201 McLean Boulevard * Paterson, New Jersey 07504 * Tel: (973) 881-8800 * Fax: (973) 881-8361 E-Mail: sales@synergymwave.com * World Wide Web: http://www.synergymwave.com
INTELLIGENT INTERACTIVE SYNTHESIZER SURFACE MOUNT MODEL: MTS2500-110250-10
WIDE BANDWIDTH
HARMONIC SUPPRESSION
* RBW 300 kHz * VBW 20 kHz
1100 - 2500 MHz
Delta 4 [T1 ] -49.87 dB 7.507692308 GHz Marker 1 [T1 ] 11.82 2.500961538 Delta 2 [T1 ] -23.21 5.005128205 Delta 3 [T1 ] -49.87 7.507692308 Delta 1 [T1 ] -16.33 2.502564103 dBm GHz dB GHz dB GHz dB GHz
Ref
20 10 1 AP CLRWR 0 -10 -20 -30
20 dBm 1
Att
45 dB
SWT 2.05 s
A SGL
PERFORMANCE PLOTS
1 2
4 3
-40 -50 -60 -70 -80
3DB
Start 800 MHz
1.22 GHz/
Stop 13 GHz
REFERENCE SIDEBAND SUPPRESSION
MSFH-400-25R #73 Date: Ref 20 dBm 29.MAY.2008
20 10 1 AP CLRWR 0 -10 -20 -30 -40 -50 -60 -70 -80 3DB * RBW 3 kHz * VBW 100 Hz
22:12:24
Att
45 dB 4 3 2 1
SWT 5.6 s
Delta 4 [T1 ] 0.00 dB 0.000000000 Hz Marker 1 [T1 ] 11.93 2.500000000 Delta 2 [T1 ] 0.00 0.000000000 Delta 3 [T1 ] 0.00 0.000000000 Delta 1 [T1 ] 0.00 0.000000000 dBm GHz dB Hz dB Hz dB Hz
A SGL
Center 2.5 GHz
100 kHz/
Span 1 MHz
This product is manufactured under one or more of the following patents: Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575; 7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642,7,292,113 Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 & 60/710310; 10/937525/60/736901; 60/732787 MSFH-400-25R #73
Date: 29.MAY.2008 22:12:10 Copyright (c) 2008 Synergy Microwave Corporation 201 McLean Boulevard * Paterson, New Jersey 07504 * Tel: (973) 881-8800 * Fax: (973) 881-8361 E-Mail: sales@synergymwave.com * World Wide Web: http://www.synergymwave.com
INTELLIGENT INTERACTIVE SYNTHESIZER SURFACE MOUNT MODEL: MTS2500-110250-10
WIDE BANDWIDTH
REFERENCE SIDEBAND SUPPRESSION
* RBW 30 kHz * VBW 1 kHz
1100 - 2500 MHz
Delta 4 [T1 ] 0.00 dB 0.000000000 Hz Marker 1 [T1 ] 11.92 2.500000000 Delta 2 [T1 ] 0.00 0.000000000 Delta 3 [T1 ] 0.00 0.000000000 Delta 1 [T1 ] 0.00 0.000000000 dBm GHz dB Hz dB Hz dB Hz
Ref
20 10 1 AP CLRWR 0 -10 -20 -30 -40 -50 -60 -70 -80
20 dBm
Att
45 dB 4 3 2 1
SWT 1.7 s
A SGL
PERFORMANCE PLOTS
3DB
Center 2.5 GHz
5 MHz/
Span 50 MHz
MSFH-400-25R #73 Date: 29.MAY.2008 22:12:01
This product is manufactured under one or more of the following patents: Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575; 7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642,7,292,113 Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 & 60/710310; 10/937525/60/736901; 60/732787
Copyright (c) 2008 Synergy Microwave Corporation 201 McLean Boulevard * Paterson, New Jersey 07504 * Tel: (973) 881-8800 * Fax: (973) 881-8361 E-Mail: sales@synergymwave.com * World Wide Web: http://www.synergymwave.com


▲Up To Search▲   

 
Price & Availability of MTS2500-110250-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X